Part Number Hot Search : 
KSH117 D348D 133BG 088526 JR25WPB BLM18P IMX27 LT5571
Product Description
Full Text Search
 

To Download U3525-S16-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD U7SH32
2-INPUT OR GATE
3 2 1
CMOS IC
DESCRIPTION
The U7SH32 is a 2-input OR gate, it provides the Function Y=A+B.
4
5
SOT-25
2 1
FEATURES
* Operation Voltage Range: 2~5.5V * Low Power Dissipation: ICC=2A(Max) * High Speed: tpd=3.8ns(Typ) * High Noise Immunity
3
5 4
SOT-353
*Pb-free plating product number: U7SH32L
ORDERING INFORMATION
Order Number Normal Lead Free Plating U7SH32-AF5-R U7SH32L-AF5-R U7SH32-AL5-R U7SH32L-AL5-R Package SOT-25 SOT-353 Packing Tape Reel Tape Reel
U7SH32L-AF5-R (1)Packing Type (2)Package Type (3)Lead Plating (1) R: Tape Reel (2) AF5: SOT-25, AL5: SOT-353 (3) L: Lead Free Plating, Blank: Pb/Sn
MARKING
3 2 H32 4 5 1
Lead Plating
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 4
QW-R502-070,A
U7SH32
PIN CONFIGURATION
GND 3 A 2 B 1
CMOS IC
4 Y
5 VCC
FUNCTION TABLE (each gate)
INPUT A L L H H B L H L H OUTPUT Y L H H H
LOGIC DIAGRAM (positive logic)
1 2 1 4 Y
A B
1 2
4
Y
A B
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4
QW-R502-070,A
U7SH32
ABSOLUTE MAXIMUM RATING (unless otherwise specified)(Note 1)
CMOS IC
PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC -0.5~7 V Input Voltage VIN -0.5~7 V Output Voltage VOUT -0.5~VCC+0.5 V Input Clamp Current IIK -20 mA Output Clamp Current IOK 20 mA Output Current IOUT 25 mA VCC or GND Current ICC 50 mA Power Dissipation PD 200 mW Storage Temperature TSTG -65 ~ +150 Note 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER Supply Voltage Input Voltage Output Voltage Input Transition Rise or Fall Rate Operating Temperature SYMBOL VCC VIN VOUT dt/dv TA CONDITIONS MIN 2 0 0 TYP MAX 5.5 5.5 VCC 100 20 85 UNIT V V V ns/V
VCC=3.3+0.3V VCC=5.0+0.5V -40
STATIC CHARACTERISTICS
PARAMETER High-Level Input Voltage SYMBOL VIH TEST CONDITIONS VCC=2.0V VCC=3.0V VCC=5.5V VCC=2.0V VCC=3.0V VCC=5.5V VCC=2.0V, IOH=-50A VCC=3.0V, IOH=-50A VCC=4.5V, IOH=-50A VCC=3.0V, IOH=-4mA VCC=4.5V, IOH=-8mA VCC=2.0V, IOL=50A VCC=3.0V, IOL=50A VCC=4.5V, IOL=50A VCC=3.0V, IOL=4mA VCC=4.5V, IOL=8mA VCC=0~5.5V, VIN=VCC or GND VCC=5.5V, VIN=VCC or GND, IOUT=0 VCC=5V, VIN=VCC or GND MIN 1.5 2.1 3.85 TA=25 TYP MAX -40~85 MIN MAX 1.5 2.1 3.85 0.5 0.9 1.65 1.9 2.9 4.4 2.48 3.8 0.1 0.1 0.1 0.44 0.44 1 20 10 UNIT V
Low-Level Input Voltage
VIL
0.5 0.9 1.65 1.9 2.9 4.4 2.58 3.94 2.0 3.0 4.5
V
High-Level Output Voltage
VOH
V
Low-Level Output Voltage Input Leakage Current Quiescent Supply Current Input Capacitance
VOL
II(LEAK) ICC CIN
0.1 0.1 0.1 0.36 0.36 0.1 2 4 10
V
A A pF
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 4
QW-R502-070,A
U7SH32
DYNAMIC CHARACTERISTICS (Input: tR, tF=3ns)
PARAMETER Propagation Delay From Input (A or B) to Output(Y) SYMBOL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL Cpd TEST CONDITIONS VCC=3.30.3, CL=15pF VCC=3.30.3, CL=50pF VCC=50.5, CL=15pF VCC=50.5, CL=50pF No load MIN TA=25 TYP 5.5 5.5 8.0 8.0 3.8 3.8 5.3 5.3 15 MAX 7.9 7.9 11.4 11.4 5.5 5.5 10 10
CMOS IC
Propagation Delay From Input (A or B) to Output(Y) Power Dissipation Capacitance
-40~85 MIN MAX 1.0 9.5 1.0 9.5 1.0 13.0 1.0 13.0 1.0 6.5 1.0 6.5 1.0 8.5 1.0 8.5
UNIT
ns
ns pF
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 4
QW-R502-070,A


▲Up To Search▲   

 
Price & Availability of U3525-S16-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X